PART |
Description |
Maker |
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
APT30D20SG APT30D20B APT30D20B_05 APT30D20BG APT30 |
30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Advanced Power Technolo... Microsemi, Corp. ADPOW[Advanced Power Technology]
|
MJL3281A MJL1302 MJL1302A MJL3281 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
|
MOTOROLA[Motorola, Inc]
|
CMR1-02M CMR1-10M CMR1-04M CMR1-06M |
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MURP20040CT MURP20020CT MURP20020CT_06 MURP20020CT |
100 A, 300 V, SILICON, RECTIFIER DIODE ULTRAFAST RECTIFIERS 200 AMPERES, 200−400 VOLTS
|
ONSEMI[ON Semiconductor]
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
APT2X101D20J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 100; VR (V): 200; trr (nsec): 39; VF (V): 1.1; Qrr (nC): 840; 100 A, 200 V, SILICON, RECTIFIER DIODE
|
Microsemi, Corp.
|
STTH3002CG-TR STTH3002CR STTH3002CW |
15 A, 200 V, SILICON, RECTIFIER DIODE 15 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC
|
STMICROELECTRONICS
|
CMPD3003CTR CMPD3003ABK CMPD3003BK |
0.6 A, 200 V, 2 ELEMENT, SILICON, SIGNAL DIODE 0.6 A, 200 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
SZ5A6 SZ5A3 SZ5A6.2 SZ5A2.4 SZ5A5.6 SZ5A7.5 SZ5A5. |
500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
|